Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSLR-N502WW4-B0 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSLR-N502WW4-B0
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N502WW4-B0 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSLR-N502WW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N502WW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N502WW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N502WW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N502WW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N502WW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
unit:mcd
unit:V
Part No.
Part No.
Code
min.
max.
Code
min.
max.
S
3000
3900
H
2.8
3.0
T
3900
5100
J
3.0
3.2
U
5100
6600
K
3.2
3.4
V
6600
8600
L
3.4
3.6
W
8600
11200
M
3.6
3.8
X
0.4314
0.4390
0.4680
0.4601
X
0.4601
0.4680
0.4970
0.4863
Y
0.4135
0.4310
0.4385
0.4238
Y
0.4238
0.4385
0.4466
0.4290
X
0.4267
0.4314
0.4601
0.4519
X
0.4519
0.4601
0.4863
0.4770
Y
0.3986
0.4135
0.4238
0.4086
Y
0.4086
0.4238
0.4290
0.4137
X
0.4222
0.4267
0.4519
0.4434
X
0.4434
0.4519
0.4770
0.4683
Y
0.3853
0.3986
0.4086
0.3930
Y
0.3930
0.4086
0.4137
0.3995
X
0.4186
0.4222
0.4434
0.4355
X
0.4355
0.4434
0.4683
0.4588
Y
0.3709
0.3853
0.3930
0.3785
Y
0.3785
0.3930
0.3995
0.3838
Notes:
1. Tolerance of measurement of luminous intensity
:±15%
2. Tolerance of measurement of Color Coordinates
:±0.01
3. Tolerance of measurement of forward voltage
:±0.05v
4. All data are measured by CSC's test equipment.
5. One delivery will include several color rank, VF rank and Iv ranks of the products.
6. The quantity-ratio of the ranks is decided by CSC.
7.
Please confirm with CSC salesman,if your request different form standard specification.
Page:
3/5
L5
L4
L8
L2
L6
L3
A
Color Rank Limits ( IF = 20mA )
■ Luminous Intensity Rank Limits ( IF = 20mA )
■ Forward Voltage Rank Limits(IF=20mA)
L7
CSLR-N502WW4-B0
CSLR-N502WW4-B0
L1
PS-LL-N502WW4-B0
http://www.csctw.com.tw
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48 0.49 0.50
3175 K
2500
K


Numéro de pièce similaire - CSLR-N502WW4-B0

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSLR-N502WW4-A0 CHINASEMI-CSLR-N502WW4-A0 Datasheet
249Kb / 6P
   LED
More results

Description similaire - CSLR-N502WW4-B0

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com