Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHV-UL60YLG4-A0 Fiches technique(PDF) 3 Page - China Semiconductor Corporation

No de pièce CSHV-UL60YLG4-A0
Description  LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-UL60YLG4-A0 Fiches technique(HTML) 3 Page - China Semiconductor Corporation

  CSHV-UL60YLG4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-UL60YLG4-A0 Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Absolute Maximum Rating -
(Ta=25
℃)
Symbol
Unit
Pd
W
IF
mA
IFP
mA
VR
V
Topr
Tstg
* Pulse width
≦0.1 msec. duty ≦1/10
■ Electro-optical Characteristics -
(Ta=25
℃)
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-----
2.4
3
V
Φ
v
27
45
-----
lm
2
θ
θ
θ
θ 1/2
-----
120
-----
deg
IR
-----
-----
50
μA
VR=5V
Page
2/7
1.05
Reverse Voltage
-40 ~ +100
350
Power Dissipation
Forward Current (DC)
Parameter
Rating
Model No
:CSHV-UL60YLG4-A0
Parameter
Storage Temp.
5
500
-40 ~ +85
Operating Temp.
Peak Forward Current *
PS-0701-003
E
Viewing Angle
IF=350mA
Forward Voltage
Luminous Flux
Reverse Current
http://www.csctw.com.tw


Numéro de pièce similaire - CSHV-UL60YLG4-A0

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
More results

Description similaire - CSHV-UL60YLG4-A0

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com