Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHV-NL60SWG4-A6 Fiches technique(PDF) 7 Page - China Semiconductor Corporation

No de pièce CSHV-NL60SWG4-A6
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-NL60SWG4-A6 Fiches technique(HTML) 7 Page - China Semiconductor Corporation

  CSHV-NL60SWG4-A6 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 8Page - China Semiconductor Corporation CSHV-NL60SWG4-A6 Datasheet HTML 9Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Reflow Soldering Characteristics
■ Hand Soldering Characteristics
Soldering temperature
260°C
Soldering time
5 sec
Notes: All temperatures refer to Solder Pad
Page
6/8
Model No
:CSHV-NL60SWG4-A6
PS-0810-030
A
http://www.csctw.com.tw


Numéro de pièce similaire - CSHV-NL60SWG4-A6

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
More results

Description similaire - CSHV-NL60SWG4-A6

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com