Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74741 Fiches technique(PDF) 4 Page - Molex Electronics Ltd.

No de pièce 74741
Description  1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74741 Fiches technique(HTML) 4 Page - Molex Electronics Ltd.

  74741 Datasheet HTML 1Page - Molex Electronics Ltd. 74741 Datasheet HTML 2Page - Molex Electronics Ltd. 74741 Datasheet HTML 3Page - Molex Electronics Ltd. 74741 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SFP HOST CONNECTOR PIN DESCRIPTIONS
1000Base-T RJ-45 Gigabit
Ethernet SFP Copper
Transceiver
74741
SFP Host Connect Electrical Interface, Pin Descriptions
PIN
NAME
DESCRIPTION
PIN 1
GND
Ground
PIN 2
TX_FAULT
This pin is internally tied to transmit ground. TX_Fault is not implemented.
PIN 3
TX_DISABLE
Low for normal operation. Active high input which disables the transmitter output. 5.1K pull-up on module.
PIN 4
MOD_DEF(2)
Signal SDA (Data) of the two-wire serial ID interface.
PIN 5
MOD_DEF(1)
Signal SCL (Clock) of the two-wire serial ID interface.
PIN 6
MOD_DEF(0)
This pin is internally tied to transmit ground.
PIN 7
Rate select
This pin is floating. Rate select is not implemented.
PIN 8
LOS
See part description for details (below)
PIN 9
GND
Ground
PIN 10
GND
Ground
PIN 11
GND
Ground
PIN 12
RD-
Differential receiver outputs. User to terminate to 100 ohms differential at host. (AC coupled)
PIN 13
RD+
Differential receiver outputs. User to terminate to 100 ohms differential at host. (AC coupled)
PIN 14
GND
Ground
PIN 15
VCC
3.3V Power
PIN 16
VCC
3.3V Power
PIN 17
GND
Ground
PIN 18
TD+
Differential transmitter inputs. Internally terminated to 100 ohms differential at host. (AC coupled)
PIN 19
TD-
Differential transmitter inputs. Internally terminated to 100 ohms differential at host. (AC coupled)
PIN 20
GND
Ground
Part No.
Options
Part No.
Options
74741-0001
Auto Negotiation On
Auto Negotiation Bypass
LOS Toggle
74741-0002
Auto Negotiation On
Auto Negotiation Bypass
LOS GND
SFP 1000BASE-T DIMENSIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com/product/io/sfp1000.html
Order No. USA-209
Printed in USA/JI/2004.03
©
2004, Molex


Numéro de pièce similaire - 74741

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0005 MOLEX11-74741-0005 Datasheet
77Kb / 1P
   1000 BASE-T SFP ADAPTER SALES DRAWING
More results

Description similaire - 74741

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com