Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-S20241B7 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSD-S20241B7
Description  0.2 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S20241B7 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSD-S20241B7 Datasheet HTML 1Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 2Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 3Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 4Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 5Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 6Page - China Semiconductor Corporation CSD-S20241B7 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Note:Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
3.5
4
V
Iv
2500
6000
-
ucd
e
-
470
-
nm
-
30
-
nm
IR
-
-
50
A
IV-m
-
-
2:1
.
Page
3/6
IF=10mA
Luminous Intensity Matching Ratio
IF=10mA
http://www.csctw.com.tw
PS-DD-S20240/S20241B7
5
Rating
-40 ~ +105
120
Model No CSD-S20240/S20241B7
Parameter
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
Power Dissipation Per Dice
30
100
Derating Linear From 25
Per Dice
Operating Temp.
Storage Temp.
A
(Ta=25 )
Condition
-40 ~ +105
0.4
IF=20mA
VR=5V
IF=20mA
IF=20mA
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Reverse Current
Dominant Wavelength
Parameter
Forward Voltage Per Segment


Numéro de pièce similaire - CSD-S20241B7

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-S20241A9 CHINASEMI-CSD-S20241A9 Datasheet
254Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241G CHINASEMI-CSD-S20241G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241G CHINASEMI-CSD-S20241G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241M9 CHINASEMI-CSD-S20241M9 Datasheet
252Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20241S CHINASEMI-CSD-S20241S Datasheet
249Kb / 7P
   0.2 Inch Dual Digit SMD Display
More results

Description similaire - CSD-S20241B7

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-S20240V9 CHINASEMI-CSD-S20240V9 Datasheet
245Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240A9 CHINASEMI-CSD-S20240A9 Datasheet
254Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240M9 CHINASEMI-CSD-S20240M9 Datasheet
252Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240T9 CHINASEMI-CSD-S20240T9 Datasheet
250Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240G CHINASEMI-CSD-S20240G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240S CHINASEMI-CSD-S20240S Datasheet
249Kb / 7P
   0.2 Inch Dual Digit SMD Display
CSD-S20240G CHINASEMI-CSD-S20240G Datasheet
251Kb / 7P
   0.2 Inch Dual Digit SMD Display
logo
Quelighting Corp
QLCDDD201YG-315 QUELIGHTING-QLCDDD201YG-315 Datasheet
754Kb / 10P
   0.2 inch SMD Digit Display
1.0 06--2021
logo
China Semiconductor Cor...
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com