Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-823T9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSD-823T9
Description  0.8 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-823T9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSD-823T9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-823T9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-823T9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-823T9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-823T9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
20
-
mcd
IF=10mA
q
-
593
-
nm
IF=20mA
Od
-
590
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/4
Reverse Current
Dominant Wavelength
A
http://www.csctw.com.tw
Model No CSD-822/823T9
PS-ND-08071939
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Numéro de pièce similaire - CSD-823T9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-823A9 CHINASEMI-CSD-823A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-823B7 CHINASEMI-CSD-823B7 Datasheet
172Kb / 5P
   0.8 Inch Dual Digits Display
logo
List of Unclassifed Man...
CSD-823D ETC1-CSD-823D Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSD-823E ETC1-CSD-823E Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
CSD-823EG ETC1-CSD-823EG Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
More results

Description similaire - CSD-823T9

FabricantNo de pièceFiches techniqueDescription
logo
PARA LIGHT ELECTRONICS ...
C-802E PARALIGHT-C-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822A9 CHINASEMI-CSD-822A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822G CHINASEMI-CSD-822G Datasheet
173Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822S CHINASEMI-CSD-822S Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-802SR PARALIGHT-C-802SR Datasheet
198Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
A-802SR PARALIGHT-A-802SR Datasheet
199Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822M9 CHINASEMI-CSD-822M9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822V9 CHINASEMI-CSD-822V9 Datasheet
171Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-802E PARALIGHT-A-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
A-802G-A PARALIGHT-A-802G-A Datasheet
219Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com