Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-5225V9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSD-5225V9
Description  0.52 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5225V9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSD-5225V9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5225V9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5225V9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5225V9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5225V9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
3.2
4
V
IF=20mA
Iv
-
20
-
mcd
IF=10mA
Od
-
470
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/4
Reverse Current
Dominant Wavelength
A
http://www.csctw.com.tw
Model No CSD-524/525B7
PS-ND-08071918
Luminous Intensity Matching Ratio
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Numéro de pièce similaire - CSD-5225V9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5225A9 CHINASEMI-CSD-5225A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5225B7 CHINASEMI-CSD-5225B7 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5225E CHINASEMI-CSD-5225E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5225G CHINASEMI-CSD-5225G Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5225M9 CHINASEMI-CSD-5225M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
More results

Description similaire - CSD-5225V9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5224M9 CHINASEMI-CSD-5224M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224B7 CHINASEMI-CSD-5224B7 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224G CHINASEMI-CSD-5224G Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224A9 CHINASEMI-CSD-5224A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224S CHINASEMI-CSD-5224S Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224E CHINASEMI-CSD-5224E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CST-5234S CHINASEMI-CST-5234S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
logo
Ningbo Foryard Optoelec...
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com