Moteur de recherche de fiches techniques de composants électroniques |
|
ST13003N Fiches technique(PDF) 1 Page - STMicroelectronics |
|
ST13003N Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 9 page May 2009 Doc ID 15759 Rev 1 1/9 9 ST13003N High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Compact fluorescent lamps (CFLs) Description The device is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. Figure 1. Internal schematic diagram SOT-32 3 2 1 Table 1. Device summary Order code Marking Package Packaging ST13003N 13003N SOT-32 BAG www.st.com |
Numéro de pièce similaire - ST13003N |
|
Description similaire - ST13003N |