Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74732-0220 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 74732-0220
Description  XPAK 10Gbps Guide Rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74732-0220 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  74732-0220 Datasheet HTML 1Page - Molex Electronics Ltd. 74732-0220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
XPAK 10Gbps Guide Rail
74732
Reference Information
Packaging: Tray
Designed In: Inches
Physical
Housing: Zinc Alloy
Plating: Nickel
PCB Thickness:
Press-fit: 1.57mm (.062") Single Side
Belly-to-Belly: 2.29mm (.090")
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/zaxis.html
Order No. USA-213
Printed in USA/JI/2004.11
©2004, Molex
ORDERING INFORMATION
COMPLEMENTARY PRODUCTS
I 70 Circuit Host Connector (74441-0013)
I XPAK Copper Module -in development
I 4X Cable Assembly:
- LaneLink™ Fibre Channel (74510)
- LaneLink™ SAS (74527)
- LaneLink™ InfiniBand (74506)
- LaneLink™ CX4 (74526)
- InfiniBand (92903)
I Optical SC Products (86282 Series)
Order No.
Description
74732-0220
XPAK 10Gbps Guide Rail
70 Circuit
Host Connector
(74441)
XPAK Rail
(74732)
XPAK Copper Module
4X Cable Assembly
(74510, 74527,
74506, 74526,
92903)


Numéro de pièce similaire - 74732-0220

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
7473 FAIRCHILD-7473 Datasheet
39Kb / 3P
   Dual Master-Slave J-K Flip-Flops with Clear and Complementary Outputs
logo
List of Unclassifed Man...
7473 ETC1-7473 Datasheet
137Kb / 5P
   Dual JK Fllp-Flop Product Specification
December 4, 1985
logo
Molex Electronics Ltd.
74735-0010 MOLEX-74735-0010 Datasheet
546Kb / 2P
   X2 10 Gbps System
74736-0230 MOLEX8-74736-0230 Datasheet
52Kb / 1P
   XFP CAGE. HEAT SINK CLIP
74736-0242 MOLEX8-74736-0242 Datasheet
60Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Description similaire - 74732-0220

FabricantNo de pièceFiches techniqueDescription
logo
HARTING Technology Grou...
09-14-000-9987 HARTING-09-14-000-9987 Datasheet
467Kb / 1P
   Rail guide for sliding frame
2021-10-01
logo
Molex Electronics Ltd.
74739-0001 MOLEX-74739-0001 Datasheet
104Kb / 2P
   XPAK 10 Gbps Transceiver
logo
PHOENIX CONTACT
1206324 PHOENIX-1206324 Datasheet
43Kb / 2P
   Accessories for tools - PPS RAIL GUIDE
logo
Infineon Technologies A...
V23833-G2104-A001 INFINEON-V23833-G2104-A001 Datasheet
812Kb / 28P
   XPAK 1310 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
V23833-G2005-A101 INFINEON-V23833-G2005-A101 Datasheet
840Kb / 27P
   XPAK 850 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
logo
Finisar Corporation.
FTLX1451E2 FINISAR-FTLX1451E2 Datasheet
745Kb / 11P
   RoHS-6 Compliant 1310nm XPAK Transponder
logo
Maxim Integrated Produc...
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
   10Gbps Modulator Driver
Rev 1; 6/07
logo
Finisar Corporation.
FTLX8551E3 FINISAR-FTLX8551E3 Datasheet
554Kb / 11P
   RoHS-6 Compliant 10 Gb/s 850nm XPAK Transponder
V850-2106-001 FINISAR-V850-2106-001 Datasheet
206Kb / 6P
   10GBPS 850NM VCSEL ARRAYS
logo
Source Photonics, Inc.
FTM-33X0C-X10G SOURCE-FTM-33X0C-X10G Datasheet
284Kb / 11P
   10Gbps 1310nm XFP Transceiver
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com