Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB1106R85MZF Fiches technique(PDF) 3 Page - Superworld Electronics

No de pièce STB1106R85MZF
Description  SHIELDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB1106R85MZF Fiches technique(HTML) 3 Page - Superworld Electronics

  STB1106R85MZF Datasheet HTML 1Page - Superworld Electronics STB1106R85MZF Datasheet HTML 2Page - Superworld Electronics STB1106R85MZF Datasheet HTML 3Page - Superworld Electronics STB1106R85MZF Datasheet HTML 4Page - Superworld Electronics STB1106R85MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
09.05.2008
SHIELDED SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
STB1106 SERIES
(uH)
(°C)
t
3
3
10-2
5
3
-3
10
-1
10
10
-1
5
2
10
5
3
1
10
5
3
10
0
3 5
DC CURRENT (A)
5
10
5
R54M
0
3
2R2M
L
100M
1
(uH)
5
10
3
250M
101M
2
10
5
3
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
3
10
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (PARA)
40
(°C)
10
5
4
3
2
1
0
0
16
15
14
13
12
11
10
9
8
7
6
DC CURRENT (A)
20
30
70
t
50
60
101M
80
250M
90
100M
2R2M
R54M
3
DC CURRENT (A)
10
-1
5
33 5
10-2
5
3
-3
10
-1
10
2
10
5
3
1
10
5
3
10
0
5
10
5
R54M
0
3
L
1
2R2M
5
10
100M
3
250M
2
10
101M
5
3
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
3
10
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE (SER)
40
10
DC CURRENT (A)
5
4
3
2
1
0
0
8
7
6
20
30
70
50
60
101M
80
250M
100M
2R2M
90
R54M


Numéro de pièce similaire - STB1106R85MZF

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STB1132 AUK-STB1132 Datasheet
89Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
logo
AUK corp
STB1188 AUK-STB1188 Datasheet
85Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1188 KODENSHI-STB1188 Datasheet
309Kb / 4P
   PNP Silicon Transistor
More results

Description similaire - STB1106R85MZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com