Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF0402400YZF Fiches technique(PDF) 6 Page - Superworld Electronics

No de pièce STF0402400YZF
Description  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF0402400YZF Fiches technique(HTML) 6 Page - Superworld Electronics

  STF0402400YZF Datasheet HTML 1Page - Superworld Electronics STF0402400YZF Datasheet HTML 2Page - Superworld Electronics STF0402400YZF Datasheet HTML 3Page - Superworld Electronics STF0402400YZF Datasheet HTML 4Page - Superworld Electronics STF0402400YZF Datasheet HTML 5Page - Superworld Electronics STF0402400YZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
150
150
150
BK
0.40
PM-9630
94V-0
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
09.05.2008
GUANGDONG CHINA
Mtl Dsg
BC
Coating Type
Type
ANSI
__
__
__
__
TC
TI
PM-8315
PM-8315J
PM-8315K
PM-8330
PM-8400
PM-9830
September 16, 1971: September 16, 1971: March 29, 1985.
Reports: March 29, 1985: May 14, 1974: September 16, 1971: September 16, 1971:
PM-8320J
150
150
150
BK
0.71
3.18
0.69
BK
94V-0
94V-0
150
150
R
150
150
150
150
00
00
4
0
6.10
1.52
0.78
0.71
1.57
0.71
BK
BK
BK
150
94V-0
94V-1
150
150
94V-1
94V-0
94V-0
150
150
150
0.51
0.50
1.47
0.71
3.05
3.18
BK
BN
150
94V-0
94V-0
94V-0
94V-0
150
150
150
94V-0
94V-0
150
150
150
150
150
150
150
150
150
150
150
150
150
150
01
5
0
150
150
150
150
150
150
150
150
150
150
150
150
0
30
02
20
01
0
0
5
0
00
01
4
0
3
4
4
3
STF0402 SERIES
E41429 (M)
QMFZ2
COMMON MODE CHOKE
10. UL CARD :
January 15, 1991


Numéro de pièce similaire - STF0402400YZF

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STF06N20 SAMHOP-STF06N20 Datasheet
212Kb / 11P
   Super high dense cell design for low RDS(ON).
logo
Superworld Electronics
STF0703 SUPERWORLD-STF0703 Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703101YZF SUPERWORLD-STF0703101YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703151YZF SUPERWORLD-STF0703151YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703250YZF SUPERWORLD-STF0703250YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
More results

Description similaire - STF0402400YZF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com