Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC10053R6YZF Fiches technique(PDF) 3 Page - Superworld Electronics

No de pièce SSC10053R6YZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC10053R6YZF Fiches technique(HTML) 3 Page - Superworld Electronics

  SSC10053R6YZF Datasheet HTML 1Page - Superworld Electronics SSC10053R6YZF Datasheet HTML 2Page - Superworld Electronics SSC10053R6YZF Datasheet HTML 3Page - Superworld Electronics SSC10053R6YZF Datasheet HTML 4Page - Superworld Electronics SSC10053R6YZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
08.05.2008
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSC1005 SERIES
DC CURRENT (A)
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
t
(°C)
0
10
20
30
40
50
60
70
80
90
0
2R4Y
12
3
4
5
6
7
8
9
10
11 12
13
100Y
220Y
560Y
121Y
FREQUENCY(MHZ)
DC CURRENT (A)
10
(uH)
5
3
3
5
101
L
5
102
3
103
10-3
3 5
-2
10
5
3
0
10
3 5
10
1
3 5
102
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
3 5
-1
10
0
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
(uH)
L
2R4Y
10
5
3
3
5
101
5
102
3
103
10-3
3 5
-2
10
5
3
0
10
3 5
10
1
3 5
102
3 5
-1
10
0
14
100Y
220Y
560Y
121Y
2R4Y
100Y
220Y
560Y
121Y


Numéro de pièce similaire - SSC10053R6YZF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SSC100 ETC-SSC100 Datasheet
25Kb / 2P
   FC-AL Embedded Controller
logo
Crydom Inc.,
SSC1000-25 CRYDOM-SSC1000-25 Datasheet
536Kb / 4P
   panel mount
SSC1000-25-12 CRYDOM-SSC1000-25-12 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-24 CRYDOM-SSC1000-25-24 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-36 CRYDOM-SSC1000-25-36 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Description similaire - SSC10053R6YZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com