Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC06036R0YZF Fiches technique(PDF) 3 Page - Superworld Electronics

No de pièce SSC06036R0YZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC06036R0YZF Fiches technique(HTML) 3 Page - Superworld Electronics

  SSC06036R0YZF Datasheet HTML 1Page - Superworld Electronics SSC06036R0YZF Datasheet HTML 2Page - Superworld Electronics SSC06036R0YZF Datasheet HTML 3Page - Superworld Electronics SSC06036R0YZF Datasheet HTML 4Page - Superworld Electronics SSC06036R0YZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(uH)
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
0
0
2
DC CURRENT (A)
13
5
46
40
20
10
30
50
(°C)
t
70
60
L
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
90
80
470Y
101Y
100Y
5R0Y
7R3Y
3
3
PG. 3
2
0
1
-1
-2
-3
2
10
1
0
-1
-2
10
-3
10
FREQUENCY(MHZ)
35
10
10
5
3
35
10
5
10
3
35
10
05.08.2008
10
DC CURRENT (A)
10
10
3 5
5
3
10
35
3 5
3 5
10
10
(uH)
3
0
2R5Y
7R3Y
100Y
10
5
1
470Y
3
5
101Y
102
L
3
0
2R5Y
7R3Y
100Y
10
5
1
470Y
3
5
101Y
102
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
3
10
5
3
10
5
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSC0603 SERIES


Numéro de pièce similaire - SSC06036R0YZF

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SSC06036R0YZF-11 SUPERWORLD-SSC06036R0YZF-11 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC06036R0YZF-22 SUPERWORLD-SSC06036R0YZF-22 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC06036R0YZF-33 SUPERWORLD-SSC06036R0YZF-33 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC06036R0YZF-55 SUPERWORLD-SSC06036R0YZF-55 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC06036R0YZF-88 SUPERWORLD-SSC06036R0YZF-88 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
More results

Description similaire - SSC06036R0YZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com