Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC05026R2YZF Fiches technique(PDF) 2 Page - Superworld Electronics

No de pièce SSC05026R2YZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC05026R2YZF Fiches technique(HTML) 2 Page - Superworld Electronics

  SSC05026R2YZF Datasheet HTML 1Page - Superworld Electronics SSC05026R2YZF Datasheet HTML 2Page - Superworld Electronics SSC05026R2YZF Datasheet HTML 3Page - Superworld Electronics SSC05026R2YZF Datasheet HTML 4Page - Superworld Electronics SSC05026R2YZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSC0502 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.08.2008
SSC0502680YZF
SSC0502101YZF
SSC0502820YZF
SSC0502180YZF
SSC0502560YZF
SSC0502470YZF
SSC0502390YZF
SSC0502330YZF
SSC0502270YZF
SSC0502220YZF
SSC05028R9YZF
SSC0502150YZF
SSC0502120YZF
SSC0502100YZF
SSC05026R2YZF
SSC05025R4YZF
SSC05024R1YZF
Part No.
0.43
840
0.5V / 10K
68.0 ±30%
±30%
100.0
±30%
82.0
0.5V / 10K
0.5V / 10K
1200
978
0.36
0.41
±30%
18.0
210
0.5V / 10K
0.85
47.0 ±30%
±30%
56.0
±30%
39.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
±30%
±30%
33.0
27.0
±30%
22.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
595
665
520
0.54
0.50
0.57
385
330
290
0.65
0.75
0.80
0.5V / 10K
8.9 ±30%
12.0 ±30%
±30%
15.0
±30%
10.0
0.5V / 10K
0.5V / 10K
0.5V / 10K
5.4 ±30%
±30%
6.2
±30%
4.1
0.5V / 10K
0.5V / 10K
0.5V / 10K
1.25
116
153
196
124
1.10
0.97
1.20
96
76
57
1.40
1.60
1.95
Inductance
( µH )
Test
Frequency
( Hz )
Max.
RDC
Max.
( m )
IDC
( A )


Numéro de pièce similaire - SSC05026R2YZF

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SSC05026R2YZF-11 SUPERWORLD-SSC05026R2YZF-11 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC05026R2YZF-22 SUPERWORLD-SSC05026R2YZF-22 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC05026R2YZF-33 SUPERWORLD-SSC05026R2YZF-33 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC05026R2YZF-44 SUPERWORLD-SSC05026R2YZF-44 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
SSC05026R2YZF-55 SUPERWORLD-SSC05026R2YZF-55 Datasheet
406Kb / 5P
   SMD POWER INDUCTORS
More results

Description similaire - SSC05026R2YZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com