Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLP1394 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74GTLP1394
Description  2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1394 Fiches technique(HTML) 7 Page - Texas Instruments

  SN74GTLP1394 Datasheet HTML 1Page - Texas Instruments SN74GTLP1394 Datasheet HTML 2Page - Texas Instruments SN74GTLP1394 Datasheet HTML 3Page - Texas Instruments SN74GTLP1394 Datasheet HTML 4Page - Texas Instruments SN74GTLP1394 Datasheet HTML 5Page - Texas Instruments SN74GTLP1394 Datasheet HTML 6Page - Texas Instruments SN74GTLP1394 Datasheet HTML 7Page - Texas Instruments SN74GTLP1394 Datasheet HTML 8Page - Texas Instruments SN74GTLP1394 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN74GTLP1394
2-BIT LVTTL-TO-GTL+ ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SELECTABLE POLARITY
SCES286 – OCTOBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR Y OUTPUTS
S1
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
6 V
GND
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
≈0 V
Input
3 V
3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(A to B port)
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
(A)
Output
1.5 V
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
12.5
LOAD CIRCUIT FOR B OUTPUTS
0 V
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(B port to Y)
Output
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≤ 1 V/ns.
D. The outputs are measured one at a time with one transition per measurement.
6 V
tPLH
tPHL
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1 V
1 V
1 V
1 V
Figure 1. Load Circuits and Voltage Waveforms


Numéro de pièce similaire - SN74GTLP1394

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394D TI-SN74GTLP1394D Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394D TI1-SN74GTLP1394D Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394DGVR TI-SN74GTLP1394DGVR Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Description similaire - SN74GTLP1394

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com