Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74FB2033KRCR Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74FB2033KRCR
Description  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033KRCR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74FB2033KRCR Datasheet HTML 4Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 5Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 6Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 7Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 8Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 9Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 10Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 11Page - Texas Instruments SN74FB2033KRCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74FB2033K
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS472G – MAY 1994 – REVISED SEPTEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
0
150
0
150
MHz
tw
Pulse duration, CLKAB/LEAB or CLKBA/LEBA
3.3
3.3
ns
tsu
Setup time, data before CLKAB/LEAB or CLKBA/LEBA
2.7
2.7
ns
th
Hold time, data after CLKAB/LEAB or CLKBA/LEBA
0.7
0.7
ns


Numéro de pièce similaire - SN74FB2033KRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB2033KRC TI-SN74FB2033KRC Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Description similaire - SN74FB2033KRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com