Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME431BAJFTA12Z Fiches technique(PDF) 7 Page - Analog Microelectronics

No de pièce AME431BAJFTA12Z
Description  Adjustable Precision Shunt Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJFTA12Z Fiches technique(HTML) 7 Page - Analog Microelectronics

Back Button AME431BAJFTA12Z Datasheet HTML 3Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 4Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 5Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 6Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 7Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 8Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 9Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 10Page - Analog Microelectronics AME431BAJFTA12Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AME
7
AME431B-1.24V
Adjustable Precision
Shunt Regulator
Rev.E.04
n Ordering Information
Part Number
Marking*
Reference
Voltage
Accuracy Package
Operating Ambient
Temperature Range
AME431BAJEVB12
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12L
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC
AME431BAJEVB12Z
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12Y
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC
AME431BAJFTA12Z
A431B
BKYww
1.24V
0.5%
SOT-89
- 40
oC to +125oC
AME431BAJATA12Z
AME12
431B
AJATA
yyww
1.24V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJATA12Z-1
AME12
431B
AJATA
yyww
1.24V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJATB12Z
AME12
431B
AJATB
yyww
1.24V
1.0%
TO92-3
- 40
oC to +125oC
AME431BAJATB12Z-1
AME12
431B
AJATB
yyww
1.24V
1.0%
TO92-3
- 40
oC to +125oC


Numéro de pièce similaire - AME431BAJFTA12Z

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME431BAJFTA25Z AME-AME431BAJFTA25Z Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Description similaire - AME431BAJFTA12Z

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com