Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5130AEEVADJZ Fiches technique(PDF) 6 Page - Analog Microelectronics

No de pièce AME5130AEEVADJZ
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5130AEEVADJZ Fiches technique(HTML) 6 Page - Analog Microelectronics

Back Button AME5130AEEVADJZ Datasheet HTML 2Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 3Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 4Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 5Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 6Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AME
6
Micropower Step-Up
DC/DC Converter
AME5130
Rev.F.02
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2
5.5
V
TA= 25
oC
64
80
TA= 25
oC
69
90
Shutdown Current
ISD
0.01
2
Feedback Trip Point
VFB
1.199
1.23
1.261
V
TA= 25
oC
490
550
610
TA= -40
oC to +85oC
420
620
FB Pin Bias Current
IFB
FB = 1.23V
TA= -40
oC to +85oC
0.2
0.7
µA
Switch RDSON
RDSON
0.7
1.6
Switch Off Time
TOFF
400
ns
0
nA
15
nA
0
nA
Switch Leakage Current
ISW
0.05
5.0
µΑ
Input Undervoltage Lockout
UVP
ON/OFF Threshold
1.6
V
EN LOW
(Shutdown)
0.4
V
EN High
(Enable the device)
1
V
VIN=5.5V
TA= -40
oC to +85oC
IEN
Test Condition
EN
Threshold
EN Input Current
FB = 1.15V
(Switching)
EN = 0V
TA= -40
oC to +85oC
TA= -40
oC to +85oC
TA= -40
oC to +85oC
mA
VIN=5.5V
TA= -40
oC to +85oC
150
150
FB = 1.3V
(Not Switching)
Switch Current Limit
ICL
IOUT=20mA
VOUT=20V
EN = VIN, TA= 25
oC
TA= -40
oC to +85oC
TA= -40
oC to +85oC
EN = VIN, TA= 85
oC
EN = GND
VSW = 20V
mV
Quiescent Current
IQ
Feedback Hysteresis
VFB
Hysteresis
8
µA
n Electrical Specifications
V
IN=2.2V, EN = VIN, TA = 25
oC Unless otherwise noted.


Numéro de pièce similaire - AME5130AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Description similaire - AME5130AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com