Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME40 Fiches technique(PDF) 9 Page - Analog Microelectronics

No de pièce AME40
Description  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME40 Fiches technique(HTML) 9 Page - Analog Microelectronics

Back Button AME40_1 Datasheet HTML 5Page - Analog Microelectronics AME40_1 Datasheet HTML 6Page - Analog Microelectronics AME40_1 Datasheet HTML 7Page - Analog Microelectronics AME40_1 Datasheet HTML 8Page - Analog Microelectronics AME40_1 Datasheet HTML 9Page - Analog Microelectronics AME40_1 Datasheet HTML 10Page - Analog Microelectronics AME40_1 Datasheet HTML 11Page - Analog Microelectronics AME40_1 Datasheet HTML 12Page - Analog Microelectronics AME40_1 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME
9
AME40
Shunt Bandgap Voltage Reference
Rev.G.03
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-92-2
12.7±0.2 mm
2000pcs
N/A
18.0
+1.0
-0.5
mm
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-92-3
12.7±0.2 mm
2000pcs
N/A
18.0
+1.0
-0.5
mm
n Tape and Reel Dimension
TO-92-3
Carrier Tape, Number of Components Per Reel and Reel Size
TO-92-2
Carrier Tape, Number of Components Per Reel and Reel Size
W
P
AME
AME
PIN 1
W
P
PIN 1
AME
AME


Numéro de pièce similaire - AME40_1

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME40-12DCJZ AIMTEC-AME40-12DCJZ Datasheet
215Kb / 7P
   40 Watt | AC-DC / DC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
1Mb / 3P
   40 Watt | AC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AME40-12DMAZ AIMTEC-AME40-12DMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Description similaire - AME40_1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com