Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC03014R7YZF Fiches technique(PDF) 1 Page - Superworld Electronics

No de pièce SSC03014R7YZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC03014R7YZF Fiches technique(HTML) 1 Page - Superworld Electronics

  SSC03014R7YZF Datasheet HTML 1Page - Superworld Electronics SSC03014R7YZF Datasheet HTML 2Page - Superworld Electronics SSC03014R7YZF Datasheet HTML 3Page - Superworld Electronics SSC03014R7YZF Datasheet HTML 4Page - Superworld Electronics SSC03014R7YZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
1.80 Max.
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Core : RI Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Terminal : Au+Ni Copper Plate
3. SCHEMATIC :
SSC0301 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.08.2008
PCB Pattern
3.70 Ref.
DE
F
1.20 Ref.
5.20 Max.
4.10 Max.
4.10 Max.
1.60 Ref.
0.55 Ref.
GH
1.20 Ref.
Unit : m/m
b
(e) Adhesive : Epoxy
A
1R5
D
E
C
3.75 Ref.
D'
a
f
c
d
(e)
S S C 0 3 0 1 1 R 5 Y Z F
(d)
(b)
(c)
(a)
(f)
(c) Inductance code : 1R5 = 1.5uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(e) X, Y, Z : Standard part
(d) Tolerance code : Y = ±30%
I
(f) Adhesive : Epoxy
(g) Ink : Bon Margue
g
e
I
G
H
b) Rated current : Base on temp. rise & L/L0A = 35% Max.
a) Temp. rise : 40°C Max. at rated current
c) Storage temp. : -40°C to +125°C
d) Operating temp. : -40°C to +85°C
e) Resistance to solder heat : 260°C.10 secs
5. GENERAL SPECIFICATION :


Numéro de pièce similaire - SSC03014R7YZF

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SSC03014R7YZF-11 SUPERWORLD-SSC03014R7YZF-11 Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
SSC03014R7YZF-22 SUPERWORLD-SSC03014R7YZF-22 Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
SSC03014R7YZF-33 SUPERWORLD-SSC03014R7YZF-33 Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
SSC03014R7YZF-44 SUPERWORLD-SSC03014R7YZF-44 Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
SSC03014R7YZF-55 SUPERWORLD-SSC03014R7YZF-55 Datasheet
417Kb / 5P
   SMD POWER INDUCTORS
More results

Description similaire - SSC03014R7YZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com