Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSB0605820MZF Fiches technique(PDF) 3 Page - Superworld Electronics

No de pièce SSB0605820MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0605820MZF Fiches technique(HTML) 3 Page - Superworld Electronics

  SSB0605820MZF Datasheet HTML 1Page - Superworld Electronics SSB0605820MZF Datasheet HTML 2Page - Superworld Electronics SSB0605820MZF Datasheet HTML 3Page - Superworld Electronics SSB0605820MZF Datasheet HTML 4Page - Superworld Electronics SSB0605820MZF Datasheet HTML 5Page - Superworld Electronics SSB0605820MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
18.04.2008
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSB0605 SERIES
5
5
-2
FREQUENCY(MHZ)
10
5
3
10
-1
10
3
-3
10
5
35
3
10
3 5
-1
0
10
DC CURRENT (A)
10
5
3
10
2
1
5
3
10
5
3
10
-1
10
3
-3
-2
5
3
10
5
3
10
3 5
-1
0
1
102
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
3
3
(uH)
100M
1R0M
0
3
10
1
10
5
102M
331M
101M
3
2
10
5
L
3
10
5
4
10
5
0
1
0
10
3
3
(uH)
0
3
10
1R0M
1
10
5
100M
L
331M
3
2
10
5
101M
3
10
5
102M
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
4
10
5
3
DC CURRENT (A)
24
6
57
101M
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
102M 331M
50
30
20
40
(°C)
t
60
80
70
90
100M
1R0M


Numéro de pièce similaire - SSB0605820MZF

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SSB0602 SUPERWORLD-SSB0602 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602100MZF SUPERWORLD-SSB0602100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602101MZF SUPERWORLD-SSB0602101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602102MZF SUPERWORLD-SSB0602102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602150MZF SUPERWORLD-SSB0602150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Description similaire - SSB0605820MZF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com