Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B-13-14-1250-T-SSCA-G5 Fiches technique(PDF) 6 Page - Source Photonics, Inc.

No de pièce B-13-14-1250-T-SSCA-G5
Description  1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-14-1250-T-SSCA-G5 Fiches technique(HTML) 6 Page - Source Photonics, Inc.

  B-13-14-1250-T-SSCA-G5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
1.25 Gbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/14-1250(C)-T3-SSC
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1828-May1308
Rev A.0
Ordering Information
B - 13/14 - 1250(C) - T - S SC Tx Power Temperature
-RoHS
• Wavelength
Tx Wavelength=1310nm
Rx Wavelength=1490nm
• Communication protocol
(1250 Gbps)
1250= PECL SD Output
1250C= TTL SD Output
• Connector options
• T = +5 V Transceiver
T3 = +3.3V Transceiver
• Single mode fiber
• Temperature range
Blank = industrial temperature(0 to 70 ºC)
A = industrial temperature(-40 to 85 ºC)
Part numbering Definition:
• Tx Power
Blank = -10 to -3 dBm
• RoHS Compliance options
G5 = RoHS 5/6-compliant product (lead exemption)
Available Options:
B-13/14-1250-T3-SSC-G5
B-13/14-1250C-T3-SSC-G5
B-13/14-1250-T3-SSCA-G5
B-13/14-1250C-T3-SSCA-G5


Numéro de pièce similaire - B-13-14-1250-T-SSCA-G5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2 SOURCE-B-13-1250-T-SSC2 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2A SOURCE-B-13-1250-T-SSC2A Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AG5 SOURCE-B-13-1250-T-SSC2AG5 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AGR SOURCE-B-13-1250-T-SSC2AGR Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
More results

Description similaire - B-13-14-1250-T-SSCA-G5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-1250C-F-SSC SOURCE-B-13-15-1250C-F-SSC Datasheet
693Kb / 10P
   1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com