Moteur de recherche de fiches techniques de composants électroniques |
|
C-129-TDFB3-SSC5D Fiches technique(PDF) 7 Page - Source Photonics, Inc. |
|
C-129-TDFB3-SSC5D Fiches technique(HTML) 7 Page - Source Photonics, Inc. |
7 / 8 page 7 155 Mbps CWDM Laser Single Mode Transceiver C-1XX-155-TDFB(3)-SSC5(9) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMINENTOIC.COM LUMNDS1505-Dec0705 rev. A.0 Ordering Information C - 1XX - 155 - TDFB(3) - S SC TxPower Temperature and Package RoHS compliance • Tx Wavelength=1XX0 nm XX= 27, 29, 31, 33, 35, 37, 39, 41, 43, 45, 47, 49, 51, 53, 55, 57, 59, 61 • Communication protocol (155 Mbps) • Connector options • DFB laser Transceiver TDFB3= +3.3V TDFB= +5V • Single mode fiber Part numbering Definition: Available Options: C-127-155-TDFB(3)-SSC5(9)(-G5) C-129-155-TDFB(3)-SSC5(9)(-G5) C-131-155-TDFB(3)-SSC5(9)(-G5) C-133-155-TDFB(3)-SSC5(9)(-G5) C-135-155-TDFB(3)-SSC5(9)(-G5) C-137-155-TDFB(3)-SSC5(9)(-G5) C-139-155-TDFB(3)-SSC5(9)(-G5) C-141-155-TDFB(3)-SSC5(9)(-G5) C-143-155-TDFB(3)-SSC5(9)(-G5) C-145-155-TDFB(3)-SSC5(9)(-G5) C-147-155-TDFB(3)-SSC5(9)(-G5) C-149-155-TDFB(3)-SSC5(9)(-G5) C-151-155-TDFB(3)-SSC5(9)(-G5) C-153-155-TDFB(3)-SSC5(9)(-G5) C-155-155-TDFB(3)-SSC5(9)(-G5) C-157-155-TDFB(3)-SSC5(9)(-G5) C-159-155-TDFB(3)-SSC5(9)(-G5) C-161-155-TDFB(3)-SSC5(9)(-G5) • Power range 5 = -5 to 0 dBm 9 = 0 to +5 dBm C-127-155-TDFB(3)-SSC5(9)D(-G5) C-129-155-TDFB(3)-SSC5(9)D(-G5) C-131-155-TDFB(3)-SSC5(9)D(-G5) C-133-155-TDFB(3)-SSC5(9)D(-G5) C-135-155-TDFB(3)-SSC5(9)D(-G5) C-137-155-TDFB(3)-SSC5(9)D(-G5) C-139-155-TDFB(3)-SSC5(9)D(-G5) C-141-155-TDFB(3)-SSC5(9)D(-G5) C-143-155-TDFB(3)-SSC5(9)D(-G5) C-145-155-TDFB(3)-SSC5(9)D(-G5) C-147-155-TDFB(3)-SSC5(9)D(-G5) C-149-155-TDFB(3)-SSC5(9)D(-G5) C-151-155-TDFB(3)-SSC5(9)D(-G5) C-153-155-TDFB(3)-SSC5(9)D(-G5) C-155-155-TDFB(3)-SSC5(9)D(-G5) C-157-155-TDFB(3)-SSC5(9)D(-G5) C-159-155-TDFB(3)-SSC5(9)D(-G5) C-161-155-TDFB(3)-SSC5(9)D(-G5) C-127-155-TDFB(3)-SSC5(9)E(-G5) C-129-155-TDFB(3)-SSC5(9)E(-G5) C-131-155-TDFB(3)-SSC5(9)E(-G5) C-133-155-TDFB(3)-SSC5(9)E(-G5) C-135-155-TDFB(3)-SSC5(9)E(-G5) C-137-155-TDFB(3)-SSC5(9)E(-G5) C-139-155-TDFB(3)-SSC5(9)E(-G5) C-141-155-TDFB(3)-SSC5(9)E(-G5) C-143-155-TDFB(3)-SSC5(9)E(-G5) C-145-155-TDFB(3)-SSC5(9)E(-G5) C-147-155-TDFB(3)-SSC5(9)E(-G5) C-149-155-TDFB(3)-SSC5(9)E(-G5) C-151-155-TDFB(3)-SSC5(9)E(-G5) C-153-155-TDFB(3)-SSC5(9)E(-G5) C-155-155-TDFB(3)-SSC5(9)E(-G5) C-157-155-TDFB(3)-SSC5(9)E(-G5) C-159-155-TDFB(3)-SSC5(9)E(-G5) C-161-155-TDFB(3)-SSC5(9)E(-G5) • Temperature range and package Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case D = commercial temperature(0 to 70 ºC), 9.8 mm, Black case E = commercial temperature(0 to 70 ºC), 9.8 mm, Blue case • Blank = RoHS non-compliant product G5 = RoHS 5/6-compliant product (lead exemption) |
Numéro de pièce similaire - C-129-TDFB3-SSC5D |
|
Description similaire - C-129-TDFB3-SSC5D |