Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T-11-622-R-SFC-O Fiches technique(PDF) 3 Page - Source Photonics, Inc.

No de pièce T-11-622-R-SFC-O
Description  622Mbps PIN-TIA Receiver Modules (5V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622-R-SFC-O Fiches technique(HTML) 3 Page - Source Photonics, Inc.

  T-11-622-R-SFC-O Datasheet HTML 1Page - Source Photonics, Inc. T-11-622-R-SFC-O Datasheet HTML 2Page - Source Photonics, Inc. T-11-622-R-SFC-O Datasheet HTML 3Page - Source Photonics, Inc. T-11-622-R-SFC-O Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
622Mbps PIN-TIA Receiver Modules (5V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1508-MAR0106
rev. A.1
LUMINENTOIC.COM
T-11-622-X-XXX-X-XX
Packaging Dimension
Units in mm.
��������
LC:LC/P�
��������
��������
����
Flangeless
����
Flangeless
o��Horizonal(Omega Housing)
o��Horizonal(Omega Housing)
��������������
�����������
Part Number : T-11-622-P-XXX-X-XX


Numéro de pièce similaire - T-11-622-R-SFC-O

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
More results

Description similaire - T-11-622-R-SFC-O

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
   PIN-TIA Receiver Modules (5V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-1250-D-SSC SOURCE-T-11-1250-D-SSC Datasheet
387Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (5V)
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com