Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C-13-155-T3-SSC7D-G5 Fiches technique(PDF) 3 Page - Source Photonics, Inc.

No de pièce C-13-155-T3-SSC7D-G5
Description  155 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC7D-G5 Fiches technique(HTML) 3 Page - Source Photonics, Inc.

  C-13-155-T3-SSC7D-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-T3-SSC7D-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
155 Mbps Single Mode Transceiver
C-13-155(C)-T3-SXX3(5)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS272-JAN2904
rev. 0
LUMINENTOIC.COM
Warnings
Legal Notice
Connection Diagram
1. (Rx GND)
2. (RD +)
NC
3. (RD-)
4. (SD)
5. (Rx Vcc)
Top View
6. (Tx Vcc)
7. (TD-)
NC
8. (TD+)
9. (Tx GND)
Receiver Signal Ground
Receiver Data Out
Receiver Data Out Bar
Signal Detect
Receiver Power Supply
Transmitter Power Supply
Transmitter Data In Bar
Transmitter Data in
Transmitter Signal Ground
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD-
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
RxVcc
+3.3V dc power for the receiver section
6
TxVcc
+3.3V dc power for the transmitter section
7
TD-
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
TxGND
Directly connect this pin to the transmitter ground plane


Numéro de pièce similaire - C-13-155-T3-SSC7D-G5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T3-SSC7D SOURCE-C-13-155-T3-SSC7D Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
More results

Description similaire - C-13-155-T3-SSC7D-G5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com