Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C-13-155-T3-SSC9A Fiches technique(PDF) 1 Page - Source Photonics, Inc.

No de pièce C-13-155-T3-SSC9A
Description  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC9A Fiches technique(HTML) 1 Page - Source Photonics, Inc.

  C-13-155-T3-SSC9A Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC9A Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC9A Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC9A Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC9A Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC9A Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-3
-
+3
dBm
Output power is coupled into a 9/125 µm single
mode fiber C-13-155-T(3)-SSC7(A/B/C/D/E)
Optical Transmit Power
Po
0
-
+5
dBm
Output power is coupled into a 9/125 µm single
mode fiber C-13-155-T(3)-SSC9(A/B/C/D/E)
Output Center Wavelength
λ
1290
1310
1330
nm
25ºC
Output Spectrum Width
Δλ
-
-
5
nm
RMS(σ)
Extinction Ratio
ER
8.2
-
-
dB
Output Pulse Mask
Compliant with FDDI SMF-PMD1
Output Eye
Compliant with ITU-T recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications, (-40<Topr<85ºC, 4.75V<VCC<5.25V)
Features
• Duplex SC Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Long reach SONET OC-3 SDH STM-1 Compliant
• Single +5V/ 3.3V Power Supply
• PECL Differential Inputs and Outputs
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser Diode with MQW Structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• ATM 155 Mbps links Application
• SONET/SDH Equipment Interconnect Application
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
240
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
C-13-155-T(3)-SSC7(9)(D/E)
Operating temperature
Topr
-40
85
ºC
C-13-155-T(3)-SSC7(9)A(B/C)
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
4.75
5
5.25
V
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Data Rate
-
155
-
Mbps
Recommended Operating Condition


Numéro de pièce similaire - C-13-155-T3-SSC9A

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T3-SSC9A SOURCE-C-13-155-T3-SSC9A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A-G5 SOURCE-C-13-155-T3-SSC9A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

Description similaire - C-13-155-T3-SSC9A

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com