Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH162334DL Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVCH162334DL
Description  16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162334DL Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH162334DL Datasheet HTML 2Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 9Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74ALVCH162334
16-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES120F – JULY 1997 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
t
Pulse duration
LE low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
Data before CLK
1.4
1.7
1.5
tsu
Setup time
Data before LE
CLK high
1.2
1.6
1.3
ns
Data before LE
CLK low
1.4
1.5
1.2
Data after CLK
0.9
0.8
0.9
th
Hold time
Data after LE
CLK
high or low
1.2
1.1
1.1
ns
† This information was not available at the time of publication.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A
1
3.9
4.5
1.1
3.9
tpd
LE
Y
1
5
6
1.3
5
ns
CLK
1
4.9
5.4
1
4.9
ten
OE
Y
1
5.4
6.4
1.1
5.4
ns
tdis
OE
Y
1
5
5.1
1.7
5
ns
† This information was not available at the time of publication.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =0
f=10MHz
32
37
pF
Cpd
capacitance
Outputs disabled
CL = 0,
f = 10 MHz
7
11.5
pF
† This information was not available at the time of publication.


Numéro de pièce similaire - SN74ALVCH162334DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162334DL TI1-SN74ALVCH162334DL Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH162334DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVC162334A PERICOM-PI74ALVC162334A Datasheet
87Kb / 5P
   16-Bit Universal Bus Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334_07 Datasheet
308Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com