Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X112LE0 Fiches technique(PDF) 4 Page - Sensortechnics GmbH

No de pièce X112LE0
Description  8 mm switching soleniod valves
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

X112LE0 Fiches technique(HTML) 4 Page - Sensortechnics GmbH

  X112LE0 Datasheet HTML 1Page - Sensortechnics GmbH X112LE0 Datasheet HTML 2Page - Sensortechnics GmbH X112LE0 Datasheet HTML 3Page - Sensortechnics GmbH X112LE0 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
X-Valve
®
8 mm switching soleniod valves
4/4
October 2008 / 250
www.sensortechnics.com
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
g
a
t
l
o
V
l
a
c
i
t
c
e
l
E
n
o
i
t
c
e
n
n
o
c
r
e
m
o
t
s
a
l
E
l
a
n
o
i
t
p
O
*
s
e
i
r
o
s
s
e
c
c
a
e
r
u
s
s
e
r
P
e
c
i
f
i
r
O
l
i
o
C
e
g
a
t
t
a
w
e
p
y
T
s
n
o
i
t
p
OX
1
i
s
p
6"
5
4
0
.
0
)
m
m
3
4
1
.
1
(
W
5
.
0l
a
s
r
e
v
i
n
u
*
3
0
V
3
C
D
)
y
l
n
o
i
s
p
0
3
&
6
(
S
n
i
p
t
r
o
h
s
F
M
K
F
B
t
e
k
s
a
g
&
w
e
r
c
s
2
i
s
p
0
3"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1l
a
s
r
e
v
i
n
u
5
0
V
5
C
D
)
y
l
n
o
i
s
p
6
(
L
n
i
p
g
n
o
l
E
M
D
P
E
)
y
l
n
o
i
s
p
6
(
0
s
e
i
r
o
s
s
e
c
c
a
o
n
5
i
s
p
0
0
1"
0
2
0
.
0
)
m
m
0
1
5
.
0
(
W
1C
N
2
1
V
2
1
C
D
S
e
n
o
c
il
i
s
)
y
l
n
o
i
s
p
6
(
4
2
V
4
2
C
D
t
o
n
d
l
e
i
f
y
r
o
s
s
e
c
c
a
*
e
v
l
a
v
n
o
d
e
t
n
i
r
p
e
l
p
m
a
S
:
o
n
r
e
d
r
o
X
1
5
0
L
F
B
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Non-elastomeric versions with enhanced media compatibility are available on request.
Please contact your nearest Sensortechnics sales representative for further information.
Accessories (please order separately using the following order numbers)
.
o
N
r
e
d
r
O
n
o
i
t
p
i
r
c
s
e
D
8
4
2
1
7
0
K
Z
,
g
n
i
b
u
t
e
n
a
h
t
e
r
u
y
l
o
p
t
n
e
r
a
p
s
n
a
r
t
r
a
e
l
C
)
m
m
2
.
3
(
h
c
n
i
8
/
1
:
r
e
t
e
m
a
i
d
r
e
t
u
o
,
)
m
m
6
.
1
(
h
c
n
i
6
1
/
1
r
e
t
e
m
a
i
d
r
e
n
n
i
P
I
L
C
G
N
I
N
I
A
T
E
R
-
X
g
n
i
t
n
u
o
m
r
o
f
p
il
c
r
e
d
l
o
S
G
U
L
P
T
R
O
P
-
X
g
u
l
p
t
r
o
P
-
XR
O
T
C
E
N
N
O
C
r
o
t
c
e
n
n
o
c
h
t
i
w
s
d
a
e
l
"
2
1


Numéro de pièce similaire - X112LE0

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
X112-133.33M CONNOR-WINFIELD-X112-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
More results

Description similaire - X112LE0

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
914111051000 SENSORTECHNICS-914111051000 Datasheet
97Kb / 4P
   10 mm switching soleniod valve
099-0051-900 SENSORTECHNICS-099-0051-900 Datasheet
193Kb / 5P
   Ultra-high leak integrity media resistant soleniod valves
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
   General purpose 2-way and 3-way soleniod valves
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
   12 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com