Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ15015 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MJ15015
Description  15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15015 Fiches technique(HTML) 6 Page - Motorola, Inc

  MJ15015 Datasheet HTML 1Page - Motorola, Inc MJ15015 Datasheet HTML 2Page - Motorola, Inc MJ15015 Datasheet HTML 3Page - Motorola, Inc MJ15015 Datasheet HTML 4Page - Motorola, Inc MJ15015 Datasheet HTML 5Page - Motorola, Inc MJ15015 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2N3055A MJ15015 MJ2955A MJ15016
6
Motorola Bipolar Power Transistor Device Data
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
2N3055A/D
*2N3055A/D*


Numéro de pièce similaire - MJ15015

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ15015 MOSPEC-MJ15015 Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
logo
ON Semiconductor
MJ15015 ONSEMI-MJ15015 Datasheet
235Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 1
logo
Wing Shing Computer Com...
MJ15015 WINGS-MJ15015 Datasheet
188Kb / 1P
   Silicon Epitaxial Planar Transistor
logo
Boca Semiconductor Corp...
MJ15015 BOCA-MJ15015 Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
MJ15015 ONSEMI-MJ15015 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

Description similaire - MJ15015

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com