Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS29833NT Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74ALS29833NT
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS29833NT Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ALS29833NT Datasheet HTML 1Page - Texas Instruments SN74ALS29833NT Datasheet HTML 2Page - Texas Instruments SN74ALS29833NT Datasheet HTML 3Page - Texas Instruments SN74ALS29833NT Datasheet HTML 4Page - Texas Instruments SN74ALS29833NT Datasheet HTML 5Page - Texas Instruments SN74ALS29833NT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SN74ALS29833
8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SDAS119D – FEBRUARY 1987 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT 1
ALL OUTPUTS EXCEPT FOR ERROR FLAG
R1
1 k
All Diodes
1N916 or 1N3064
From Output
Under Test
Test Point
S2
CL
(see Note A)
RL = 180 Ω
1.5 V
1.5 V
1.5 V
3 V
3 V
0
0
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
Data Input
1.5 V
1.5 V
3 V
3 V
0
0
High-Level
Input
Low-Level
Input
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Out-of-Phase
Output
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPHZ
tPLZ
0.5 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0
Output
Control
Waveform 1
(see Note B)
Waveform 2
(see Note B)
≈ 0
VOH
VOL
≈ 1.5 V
0.5 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VCC
S1
SWITCH POSITION TABLE
TEST
S1
S2
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Closed
Closed
Open
Closed
Closed
Closed
Closed
Closed
Closed
Open
Closed
Closed
≈ 4.5 V
≈ 1.5 V
Input
VCC
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT 2
ERROR-FLAG OUTPUT
180
510
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1. Load Circuits and Voltage Waveforms


Numéro de pièce similaire - SN74ALS29833NT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS29833NT TI1-SN74ALS29833NT Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

Description similaire - SN74ALS29833NT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT29834 TI1-SN74BCT29834_11 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834 TI-SN74BCT29834 Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com