Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS280D Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74ALS280D
Description  9-BIT PARITY GENERATORS/CHECKERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS280D Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ALS280D Datasheet HTML 1Page - Texas Instruments SN74ALS280D Datasheet HTML 2Page - Texas Instruments SN74ALS280D Datasheet HTML 3Page - Texas Instruments SN74ALS280D Datasheet HTML 4Page - Texas Instruments SN74ALS280D Datasheet HTML 5Page - Texas Instruments SN74ALS280D Datasheet HTML 6Page - Texas Instruments SN74ALS280D Datasheet HTML 7Page - Texas Instruments SN74ALS280D Datasheet HTML 8Page - Texas Instruments SN74ALS280D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74ALS280, SN74AS280
9-BIT PARITY GENERATORS/CHECKERS
SDAS038C – DECEMBER 1982 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74AS280
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74AS280
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS280
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V
25
35
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX¶
UNIT
(INPUT)
(OUTPUT)
SN74AS280
MIN
MAX
tPLH
Any
Σ EVEN
3
12
ns
tPHL
Any
Σ EVEN
3
11
ns
tPLH
Any
Σ ODD
3
12
ns
tPHL
Any
Σ ODD
3
11.5
ns
¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS280D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS280D TI-SN74ALS280D Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DE4 TI-SN74ALS280DE4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DG4 TI-SN74ALS280DG4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DR TI-SN74ALS280DR Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
SN74ALS280DRE4 TI-SN74ALS280DRE4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
More results

Description similaire - SN74ALS280D

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com