Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT7819-10PH Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74ABT7819-10PH
Description  512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7819-10PH Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74ABT7819-10PH Datasheet HTML 3Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 4Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 5Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 6Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 7Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 8Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 9Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 10Page - Texas Instruments SN74ABT7819-10PH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN74ABT7819
512
× 18 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS125G – JULY 1992 – REVISED JULY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL†
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
HFA
4
O
FIFOA–B half-full flag. HFA is high when FIFOA–B contains 256 or more words and is low when
FIFOA–B contains 255 or fewer words. HFA is set low after FIFOA–B is reset.
HFB
61
O
FIFOB–A half-full flag. HFB is high when FIFOB–A contains 256 or more words and is low when
FIFOB–A contains 255 or fewer words. HFB is set low after FIFOB–A is reset.
IRA
5
O
Port-A input-ready flag. IRA is synchronized to the low-to-high transition of CLKA. When IRA is low,
FIFOA–B is full and writes to its array are disabled. IRA is set low during a FIFOA–B reset and is set high
on the second low-to-high transition of CLKA after reset.
IRB
60
O
Port-B input-ready flag. IRB is synchronized to the low-to-high transition of CLKB. When IRB is low,
FIFOB–A is full and writes to its array are disabled. IRB is set low during a FIFOB–A reset and is set high
on the second low-to-high transition of CLKB after reset.
ORA
74
O
Port-A output-ready flag. ORA is synchronized to the low-to-high transition of CLKA. When ORA is low,
FIFOB–A is empty and reads from its array are disabled. The last valid word remains on the FIFOB–A
outputs when ORA is low. Ready data is present for the A0–A17 outputs when ORA is high. ORA is set
low during a FIFOB–A reset and goes high on the third low-to-high transition of CLKA after the first word
is loaded to an empty FIFOB–A.
ORB
71
O
Port-B output-ready flag. ORB is synchronized to the low-to-high transition of CLKB. When ORB is low,
FIFOA–B is empty and reads from its array are disabled. The last valid word remains on the FIFOA–B
outputs when ORB is low. Ready data is present for the B0–B17 outputs when ORB is high. ORB is set
low during a FIFOA–B reset and goes high on the third low-to-high transition of CLKB after the first word
is loaded to an empty FIFOA–B.
PENA
2
I
AF/AEA program enable. After FIFOA–B is reset and before a word is written to its array, the binary value
on A0–A7 is latched as an AF/AEA offset when PENA is low and CLKA is high.
PENB
63
I
AF/AEB program enable. After FIFOB–A is reset and before a word is written to its array, the binary value
on B0–B7 is latched as an AF/AEB offset when PENB is low and CLKB is high.
RENA
75
I
Port-A read enable. A high level on RENA enables data to be read from FIFOB–A on the low-to-high
transition of CLKA when CSA is low, W/RA is low, and ORA is high.
RENB
70
I
Port-B read enable. A high level on RENB enables data to be read from FIFOA–B on the low-to-high
transition of CLKB when CSB is low, W/RB is low, and ORB is high.
RSTA
1
I
FIFOA–B reset. To reset FIFOA–B, four low-to-high transitions of CLKA and four low-to-high transitions
of CLKB must occur while RSTA is low. This sets HFA low, IRA low, ORB low, and AF/AEA high.
RSTB
64
I
FIFOB–A reset. To reset FIFOB–A, four low-to-high transitions of CLKA and four low-to-high transitions
of CLKB must occur while RSTB is low. This sets HFB low, IRB low, ORA low, and AF/AEB high.
WENA
77
I
Port-A write enable. A high level on WENA enables data on A0–A17 to be written into FIFOA–B on the
low-to-high transition of CLKA when W/RA is high, CSA is low, and IRA is high.
WENB
68
I
Port-B write enable. A high level on WENB enables data on B0–B17 to be written into FIFOB–A on the
low-to-high transition of CLKB when W/RB is high, CSB is low, and IRB is high.
W/RA
79
I
Port-A write/read select. A high on W/RA enables A0–A17 data to be written to FIFOA–B on a low-to-high
transition of CLKA when WENA is high, CSA is low, and IRA is high. A low on W/RA enables data to be
read from FIFOB–A on a low-to-high transition of CLKA when RENA is high, CSA is low, and ORA is high.
The A0–A17 outputs are in the high-impedance state when W/RA is high.
W/RB
66
I
Port-B write/read select. A high on W/RB enables B0–B17 data to be written to FIFOB–A on a low-to-high
transition of CLKB when WENB is high, CSB is low, and IRB is high. A low on W/RB enables data to be
read from FIFOA–B on a low-to-high transition of CLKB when RENB is high, CSB is low, and ORB is high.
The B0–B17 outputs are in the high-impedance state when W/RB is high.
† Terminals listed are for the PH package.


Numéro de pièce similaire - SN74ABT7819-10PH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT7819 TI1-SN74ABT7819 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A-10PH TI-SN74ABT7819A-10PH Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A-10PN TI-SN74ABT7819A-10PN Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A-12PH TI-SN74ABT7819A-12PH Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Description similaire - SN74ABT7819-10PH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20