Moteur de recherche de fiches techniques de composants électroniques |
|
LCD15-48D12 Fiches technique(PDF) 3 Page - Power Mate Technology Co., LTD |
|
LCD15-48D12 Fiches technique(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 3 page Page 3 of 3 Issued Date:2008/05/21 PIN CONNECTION PIN SINGLE DUAL 1 + INPUT + INPUT 2 - INPUT - INPUT 3 ON/OFF ON/OFF 4 +VOUT +VOUT 5 TRIM COMMON 6 -VOUT -VOUT PRODUCT STANDARD TABLE Option Suffix Negative remote ON/OFF(Standard) Positive remote ON/OFF -A without ON/OFF pin -B negative remote ON/OFF without TRIM pin -C without ON/OFF&TRIM pin -D positive remote ON/OFF without TRIM pin -E 1. All dimensions in Inches (mm) Tolerance: X.XX±0.02 (X.X±0.5) X.XXX±0.01 (X.XX±0.25) 2. Pin pitch tolerance ±0.01(0.25) 3. Pin dimension tolerance ±0.004 (0.1) Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers’ part numbers for these components, are as follows: C1 C2 C3 C4 & C5 L1 LCD15- 12xxx 10μF/25V 1812 MLCC N/A 10μF/25V 1812 MLCC 470pF/2KV 1808 MLCC 145μH Common Choke PMT-051 LCD15- 24xxx 6.8μF/50V 1812 MLCC N/A 6.8μF/50V 1812 MLCC 470pF/2KV 1808 MLCC 325μH Common Choke PMT-050 LCD15- 48xxx 2.2μF/100V 1812 MLCC 2.2μF/100V 1812 MLCC 2.2μF/100V 1812 MLCC 1000pF/2KV 1808 MLCC 325μH Common Choke PMT-050 Recommended EN55022 Class B Filter Circuit Layout EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below. 6 5 TRIM UP RU 5 4 TRIM DOWN RD |
Numéro de pièce similaire - LCD15-48D12 |
|
Description similaire - LCD15-48D12 |