Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BTEL5001D1A Datasheet(Fiches technique) 5 Page - Sensortechnics GmbH

Numéro de pièce BTEL5001D1A
Description  Precision very low differential pressure transmitters
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo 

   
 5 page
background image
BTEL5000 / PTUL5000 Series
Precision very low differential pressure transmitters
5/6
June 2008 / 094
www.sensortechnics.com
mass: typ. 220 g
dimensions in mm (inches)
OUTLINE DRAWING
Connector version
ELECTRICAL CONNECTION
Pin
1
2
3
4
Connection
4...20 mA
output
+Vs
NC
case
-Vs
1...6 V
output
+Vs
Vout
case
-Vs
ELECTRICAL CONNECTION
bare
brown
white
green
yellow
1...6 V
output
case/shield
+Vs
NC
Vout
-Vs
Connection
4...20 mA
output
case/shield
+Vs
NC
NC
-Vs
72.0 (2.84)
NOM 86.0 (3.39)
40.0
(1.58)
20.0
(0.79)
2 x M5
(UNC 10-24)
BTE.../PTE...: 2 x 1/8" BSP
PTU...: 2 x 1/8" NPT
8.0 (0.31) min.
13.5 diam. (0.53)
8.0 (0.31) min.
M12 x 1
(0.47)
1
2
4
3
9.0
(0.35)
mating plug
H: high pressure port
L: low pressure port
90.0 (3.54)
72.0 (2.84)
40.0
(1.58)
13.5 diam. (0.53)
1 m (3.3 ft) shielded cable
4 x 0.25 mm² (AWG24)
8.0 (0.31) min.
8.0 (0.31) min.
9.0
(0.35)
H: high pressure port
L: low pressure port
20.0
(0.79)
2 x M5
(UNC 10-24)
BTE.../PTE...: 2 x 1/8" BSP
PTU...: 2 x 1/8" NPT
Cable version
mass: typ. 170 g
dimensions in mm (inches)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LT6600-2.5_09Very Low Noise Differential Amplifi er and 2.5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT6600-5Very Low Noise Differential Amplifi er and 5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LTC6404600MHz Low Noise High Precision Fully Differential Input/Output Amplifi er/Driver 1 2 3 4 5 MoreLinear Technology
AD8671_05Precision Very Low Noise Low Input Bias Current Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LT6600-15Very Low Noise Differential Amplifi er and 15MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
ISL281384.5MHz Single and Dual Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current 1 2 3 4 5 MoreIntersil Corporation
LT6604-2.5Dual Very Low Noise Differential Amplifi er and 2.5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
AD8510_07Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl