Moteur de recherche de fiches techniques de composants électroniques |
|
FDC10-12S33 Fiches technique(PDF) 1 Page - Power Mate Technology Co., LTD |
|
FDC10-12S33 Fiches technique(HTML) 1 Page - Power Mate Technology Co., LTD |
1 / 3 page Page 1 of 3 Issued Date:2008/05/21 OUTPUT SPECIFICATIONS Output power 10 Watts, max. Voltage accuracy Full load and nominal Vin ± 1% Minimum load 0% Line regulation LL to HL at Full Load ± 0.2% Load regulation No Load to Full Load Single Dual ± 0.5% ± 1% Cross regulation(Dual) Asymmetrical load 25% / 100% FL ± 5% Ripple and noise 20MHz bandwidth Single Dual See table Temperature coefficient ± 0.02% / ºC, max. Transient response recovery time 25% load step change 250μS Over voltage protection Zener diode clamp 3.3V output 5V output 12V output 15V output 3.9VDC 6.2VDC 15VDC 18VDC Over load protection % of FL at nominal input 150%, max. Short circuit protection Hiccup, automatics recovery GENERAL SPECIFICATIONS Efficiency See table Isolation voltage 1600VDC, min. Isolation resistance 10 9 ohms, min. Isolation capacitance 300pF, max. Switching frequency 300KHz, typ. Approvals and standard IEC60950-1, UL60950-1, EN60950-1 Case material Nickel-coated copper Base material Non-conductive black plastic Potting material Epoxy (UL94-V0) Dimensions 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) Weight 27g (0.95oz) MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F 1.976 x 10 6 hrs 1.416 x 10 6 hrs INPUT SPECIFICATIONS Input voltage range FDC10 FDC10-W 12V nominal input 24V nominal input 48V nominal input 24V nominal input 48V nominal input 9 – 18VDC 18 – 36VDC 36 – 75VDC 9 – 36VDC 18 – 75VDC Input filter Pi type Input surge voltage 100mS max 12V input 24V input 48V input 36VDC 50VDC 100VDC Input reflected ripple current Nominal Vin and full load 30mAp-p Start up time Nominal Vin and constant resistive load Power up 20mS, typ. Remote ON/OFF (Option) (Note 6) (Positive logic) (Negative logic) DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V Input current of remote control pin Nominal Vin -0.5mA ~ +1mA Remote off state input current Nominal Vin 20mA ENVIRONMENTAL SPECIFICATIONS Operating ambient temperature (Reference derating curve) Standard M1 (Note 7) M2 (W series) -25ºC ~ +85ºC (with derating) -40ºC ~ +85ºC (non-derating) -40ºC ~ +85ºC (with derating) Maximum case temperature +100ºC Storage temperature range -55ºC ~ +105ºC Thermal impedance (Note 8) Nature convection Nature convection with heat-sink 12ºC/watt 10ºC/watt Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC CHARACTERISTICS EMI (Note 9) EN55022 Class A ESD EN61000-4-2 Air Contact ± 8KV ± 6KV Perf. Criteria B Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (Note 10) EN61000-4-4 ± 2KV Perf. Criteria B Surge (Note 10) EN61000-4-5 ± 1KV Perf. Criteria B Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A TECHNICAL SPEC I FI C A TI ON All specifications are typical at nominal input, full load and 25ºC otherwise noted. FEATURES • 10 WATTS OUTPUT POWER • OUTPUT CURRENT UP TO 2.5A • STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE • HIGH EFFICIENCY UP TO 87% • 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE • SIX-SIDED CONTINUOUS SHIELD • FIXED SWITCHING FREQUENCY (300KHz) • CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC • UL60950-1, EN60950-1 AND IEC60950-1 LICENSED • ISO9001 CERTIFIED MANUFACTURING FACILITIES • COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC OPTIONS Negative & Positive logic Remote On/Off DESCRIPTION The FDC10 and FDC10-W series offer 10 watts of output power from a 2.0 x 1.0 x 0.4 inch package. FDC10 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment |
Numéro de pièce similaire - FDC10-12S33 |
|
Description similaire - FDC10-12S33 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |