Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM09397-45LDL Fiches technique(PDF) 2 Page - Stealth Microwave, Inc.

No de pièce SM09397-45LDL
Description  930-970 MHz 30 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM09397-45LDL Fiches technique(HTML) 2 Page - Stealth Microwave, Inc.

  SM09397-45LDL Datasheet HTML 1Page - Stealth Microwave, Inc. SM09397-45LDL Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM09397-45LDL
930-970 MHz
30 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
DIMENSIONS IN INCHES
Pin
Description
Values
RF Input
Input Connector (SMA Female)
- 4 dBm, typical
RF Output
Output Connector (SMA Female)
+45 dBm @P1dB
GND
Ground Turret
---
REV
Reverse Power Detector
∞ VSWR @ + 45 dBm ≈ + 5 Volts
FWD
Forward Power Detector
+ 45 dBm Output Power
≈ + 5 Volts
+28VDC
DC Input Voltage
---
On/Off
TTL Logic On/Off
0 Volts = Off, + 5 Volts = On
Specifications subject to change without notice.


Numéro de pièce similaire - SM09397-45LDL

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM09397-45LD STEALTH_MICROWAVE-SM09397-45LD Datasheet
152Kb / 2P
   930-970 MHz 30 Watt Linear Power Amplifier
More results

Description similaire - SM09397-45LDL

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM09397-45LD STEALTH_MICROWAVE-SM09397-45LD Datasheet
152Kb / 2P
   930-970 MHz 30 Watt Linear Power Amplifier
SM09093-51LD STEALTH_MICROWAVE-SM09093-51LD Datasheet
150Kb / 3P
   900 - 930 MHz 120 Watt Power Amplifier
SM09195-45LD STEALTH_MICROWAVE-SM09195-45LD Datasheet
161Kb / 2P
   917-950 MHz 30 Watt Linear Power Amplifier
SM08790-45LDL STEALTH_MICROWAVE-SM08790-45LDL Datasheet
160Kb / 2P
   869-896 MHz 30 Watt Linear Power Amplifier
SM09195-45LDL STEALTH_MICROWAVE-SM09195-45LDL Datasheet
153Kb / 2P
   917-950 MHz 30 Watt Linear Power Amplifier
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
   850-900 MHz 30 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com