Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4V7BSC Fiches technique(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

No de pièce 4V7BSC
Description  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V7BSC Fiches technique(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  4V7BSC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V7BSC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V7BSC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 4V7BSC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 4V7BSC Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 4V7BSC Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
27BS
24.26
27.64
27BSA
24.26
25.52
27BSB
24.97
26.26
27BSC
25.63
26.95
27BSD
26.29
27.64
5
45
5
0.2
21
30BS
26.99
30.51
30BSA
26.99
28.39
30BSB
27.7
29.13
30BSC
28.36
29.82
30BSD
29.02
30.51
5
55
5
0.2
23
33BS
29.68
33.11
33BSA
29.68
31.22
33BSB
30.32
31.88
33BSC
30.9
32.5
33BSD
31.49
33.11
5
65
5
0.2
25
36BS
32.14
35.77
36BSA
32.14
33.79
36BSB
32.79
34.49
36BSC
33.4
35.13
36BSD
34.01
35.77
5
75
5
0.2
27
39BS
34.68
38.52
39BSA
34.68
36.47
39BSB
35.36
37.19
39BSC
36
37.85
39BSD
36.63
38.52
5
85
5
0.2
30
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Numéro de pièce similaire - 4V7BSC

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
4V7BC SEMTECH_ELEC-4V7BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCA SEMTECH_ELEC-4V7BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCB SEMTECH_ELEC-4V7BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
4V7BCC SEMTECH_ELEC-4V7BCC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

Description similaire - 4V7BSC

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com