Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5V6HC Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce 5V6HC
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

5V6HC Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  5V6HC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 5V6HC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 5V6HC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 5V6HC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
Characteristics at Tj = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max. at lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V2HC
2.09
2.41
2V2HCA
2.12
2.3
2V2HCB
2.22
2.41
20
120
20
120
0.7
2V4HC
2.3
2.64
2V4HCA
2.33
2.52
2V4HCB
2.43
2.63
20
120
20
120
1
2V7HC
2.5
2.9
2V7HCA
2.54
2.75
2V7HCB
2.69
2.91
20
100
20
100
1
3V0HC
2.8
3.2
3V0HCA
2.85
3.07
3V0HCB
3.01
3.22
20
80
20
50
1
3V3HC
3.1
3.5
3V3HCA
3.16
3.38
3V3HCB
3.32
3.53
20
70
20
20
1
3V6HC
3.4
3.8
3V6HCA
3.47
3.68
3V6HCB
3.62
3.83
20
60
20
10
1
3V9HC
3.7
4.1
3V9HCA
3.77
3.98
3V9HCB
3.92
4.14
20
50
20
5
1
4V3HC
4
4.5
4V3HCA
4.05
4.26
4V3HCB
4.2
4.4
4V3HCC
4.34
4.53
20
40
20
5
1
4V7HC
4.4
4.9
4V7HCA
4.47
4.65
4V7HCB
4.59
4.77
4V7HCC
4.71
4.91
20
25
20
5
1
5V1HC
4.8
5.4
5V1HCA
4.85
5.03
5V1HCB
4.97
5.18
5V1HCC
5.12
5.35
20
20
20
5
1.5
5V6HC
5.3
6
5V6HCA
5.29
5.52
5V6HCB
5.46
5.7
5V6HCC
5.64
5.88
20
13
20
5
2.5
1) Tested with pulse tp = 20 ms.


Numéro de pièce similaire - 5V6HC

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
5V6HS SEMTECH_ELEC-5V6HS Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
5V6HSA SEMTECH_ELEC-5V6HSA Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
5V6HSB SEMTECH_ELEC-5V6HSB Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
5V6HSC SEMTECH_ELEC-5V6HSC Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - 5V6HC

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com