Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2527-44L Fiches technique(PDF) 2 Page - Stealth Microwave, Inc.

No de pièce SM2527-44L
Description  2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2527-44L Fiches technique(HTML) 2 Page - Stealth Microwave, Inc.

  SM2527-44L Datasheet HTML 1Page - Stealth Microwave, Inc. SM2527-44L Datasheet HTML 2Page - Stealth Microwave, Inc. SM2527-44L Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-44L
2500-2700 MHz
25 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
DIMENSIONS IN INCHES
INPUT
RF
RF
OUTPUT
REV
SMPL
RF
ON/OFF
+12VDC
CNTL
GND
FWD
INCORPORATED
Made in USA
HEATSINK OPTION


Numéro de pièce similaire - SM2527-44L

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
More results

Description similaire - SM2527-44L

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com