Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8050 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce ST8050
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST8050 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST8050 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST8050 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 13/03/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 8050 (1.5A)
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications.
Especially suitable for AF-driver stages
and low power output stages.
On special request, these transistors can be
manufactured in different pin configurations.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
25
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
1.5
A
Power Dissipation
Ptot
1
W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 5 mA
at VCE = 1 V, IC = 100 mA
at VCE = 1 V, IC = 800 mA
8050C
8050D
hFE
hFE
hFE
hFE
45
120
160
40
-
-
-
-
-
200
300
-
-
-
-
-
Collector Cutoff Current
at VCB = 35 V
ICBO
-
-
100
nA
Emitter Cutoff Current
at VBE = 6 V
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
V(BR)CEO
25
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 800 mA, IB = 80 mA
VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at IC = 800 mA, IB = 80 mA
VBE(sat)
-
-
1.2
V
Base Emitter Voltage
at IC = 10 mA, VCE = 1 V
VBE
-
-
1
V
Gain Bandwidth Product
at VCE = 10 V, IC = 50 mA
fT
120
-
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
COB
-
15
-
pF
1.Emitter 2.Base 3.Collector
TO-92 Plastic Package
Weight approx. 019g


Numéro de pièce similaire - ST8050

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
ST8050U SEMTECH_ELEC-ST8050U Datasheet
148Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Description similaire - ST8050

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com