Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA30-800CW3G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce BTA30-800CW3G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA30-800CW3G Fiches technique(HTML) 4 Page - ON Semiconductor

  BTA30-800CW3G Datasheet HTML 1Page - ON Semiconductor BTA30-800CW3G Datasheet HTML 2Page - ON Semiconductor BTA30-800CW3G Datasheet HTML 3Page - ON Semiconductor BTA30-800CW3G Datasheet HTML 4Page - ON Semiconductor BTA30-800CW3G Datasheet HTML 5Page - ON Semiconductor BTA30-800CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTA30−600CW3G, BTA30−800CW3G
http://onsemi.com
4
Figure 1. RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (A)
Figure 2. On-State Power Dissipation
Figure 3. On-State Typical Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (V)
Figure 4. Thermal Response
Figure 5. Holding Current Variation
30
20
15
10
5
0
80
85
90
95
100
105
110
115
120
125
30
20
15
10
5
0
IT(RMS), ON-STATE CURRENT (A)
0
5
10
15
20
25
40
TJ, JUNCTION TEMPERATURE (°C)
125
65
20
5
−10
−40
0
5
10
15
20
25
30
35
−25
35
50
110
80
95
MT2 NEGATIVE
MT2 POSITIVE
1000
100
10
1
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
TJ = 25°C
TJ = 125°C
t, TIME (ms)
1
0.1
0.01
1·104
1000
100
10
1
0.1
25
30
35
25


Numéro de pièce similaire - BTA30-800CW3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BTA30-800CW3G ONSEMI-BTA30-800CW3G Datasheet
108Kb / 6P
   Silicon Bidirectional Thyristors
October, 2010 ??Rev. 1
More results

Description similaire - BTA30-800CW3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com