Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4728 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce 1N4728
Description  One Watt Hermetically Sealed Glass Silicon Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N4728 Fiches technique(HTML) 3 Page - Motorola, Inc

  1N4728 Datasheet HTML 1Page - Motorola, Inc 1N4728 Datasheet HTML 2Page - Motorola, Inc 1N4728 Datasheet HTML 3Page - Motorola, Inc 1N4728 Datasheet HTML 4Page - Motorola, Inc 1N4728 Datasheet HTML 5Page - Motorola, Inc 1N4728 Datasheet HTML 6Page - Motorola, Inc 1N4728 Datasheet HTML 7Page - Motorola, Inc 1N4728 Datasheet HTML 8Page - Motorola, Inc 1N4728 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GENERAL DATA — 1–1.3 WATT DO-41 GLASS
Motorola TVS/Zener Device Data
6-22
1–1.3 Watt DO-41 Glass Data Sheet
Figure 10. Typical Forward Characteristics
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MAXIMUM
150
°C
75
°C
0
°C
25
°C
Figure 6. Effect of Zener Current
on Zener Impedance
Figure 7. Effect of Zener Voltage
on Zener Impedance
Figure 9. Typical Capacitance versus VZ
Figure 8. Typical Leakage Current
1000
500
200
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ, ZENER CURRENT (mA)
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
100
VZ, ZENER CURRENT (mA)
3
5
7
10
20
30
50
70
10000
7000
5000
2000
1000
700
500
200
100
70
50
20
10
7
5
2
1
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
0.007
0.005
0.002
0.001
3
4
5
6
7
8
9
10
11
12
13
14
15
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
+25
°C
+125
°C
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
6.2 V
27 V
VZ = 2.7 V
47 V
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
20 mA
5 mA
IZ = 1 mA
0 V BIAS
1 V BIAS
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50% OF BREAKDOWN BIAS
MINIMUM


Numéro de pièce similaire - 1N4728

FabricantNo de pièceFiches techniqueDescription
logo
Yangzhou yangjie electr...
1N4728 YANGJIE-1N4728 Datasheet
116Kb / 3P
   Zener Diodes
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
1N4728 SEMTECH_ELEC-1N4728 Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
977Kb / 3P
   1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Guangdong Juxing Electr...
1N4728 JUXING-1N4728 Datasheet
1Mb / 2P
   SILICON ZENER DIODES
More results

Description similaire - 1N4728

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
logo
ON Semiconductor
MZ4614 ONSEMI-MZ4614 Datasheet
117Kb / 8P
   500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4614 NJSEMI-1N4614 Datasheet
196Kb / 1P
   400 MILLIWATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com