Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB320 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce SB320
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB320 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB320 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB320 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 03/09/2008
J
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SB320 THRU SB3100
SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage – 20 to 100 V
Forward Current – 3 A
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Metal silicon junction, majority carrier conduction
• High surge capability
• Low power loss, high efficiency
• High current capability, Low forward voltage drop
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Mechanical Data
• Case: JEDEC DO-201AD molded plastic body
• Terminals: Plated axial leads, solderable per MIL-STD-750,
method 2026
• Polarity: color band denotes cathode end
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, resistive or inductive load, For
capacitive load, derate by 20%.
Parameter
Symbols SB320 SB330 SB340 SB350 SB360 SB380 SB3100
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
57
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length
I(AV)
3
A
Peak Forward Surge Current, 8.3 ms Single Half-
sine-wave Superimposed on rated load (JEDEC
method)
IFSM
80
A
Maximum Forward Voltage at 3 A DC
1)
VF
0.55
0.7
0.85
V
0.5
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
1)
TA = 100 OC
IR
20
10
mA
Typical Junction Capacitance
3)
CJ
250
160
pF
Typical Thermal Resistance
2)
RθJA
40
O
C/W
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
1) Pulse test: 300 µs pulse width, 1% duty cycle.
2) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.5" (12.7 mm) lead length with 2.5 X 2.5" (63.5 X 63.5
mm) copper pads.
3) Measured at 1 MHz and applied reverse voltage of 4 V.


Numéro de pièce similaire - SB320

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB320 VISHAY-SB320 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
logo
Fairchild Semiconductor
SB320 FAIRCHILD-SB320 Datasheet
45Kb / 3P
   Schottky Rectifiers
logo
SUNMATE electronic Co.,...
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
More results

Description similaire - SB320

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com