Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55T12D Fiches technique(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

No de pièce BZX55T12D
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX55T12D Fiches technique(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  BZX55T12D Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX55T12D Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX55T12D Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZX55T12D Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 21/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX55T Series
VZmin
2)
VZmax
2)
rZmax
at IZ
IRmax
at VR
IRmax
1)
at VR
1)
Type
V
V
mA
µA
V
µA
V
BZX55T16
15.3
17.1
45
5
1
12
-
-
BZX55T16A
15.3
15.9
45
5
1
12
-
-
BZX55T16B
15.7
16.5
45
5
1
12
-
-
BZX55T16C
16.3
17.1
45
5
1
12
-
-
BZX55T18
16.9
19
55
5
1
13
-
-
BZX55T18A
16.9
17.7
55
5
1
13
-
-
BZX55T18B
17.5
18.3
55
5
1
13
-
-
BZX55T18C
18.1
19
55
5
1
13
-
-
BZX55T20
18.8
21.2
60
2
1
15
-
-
BZX55T20A
18.8
19.7
60
2
1
15
-
-
BZX55T20B
19.5
20.4
60
2
1
15
-
-
BZX55T20C
20.2
21.2
60
2
1
15
-
-
BZX55T22
20.9
23.3
65
2
1
17
-
-
BZX55T22A
20.9
21.9
65
2
1
17
-
-
BZX55T22B
21.6
22.6
65
2
1
17
-
-
BZX55T22C
22.3
23.3
65
2
1
17
-
-
BZX55T24
22.9
25.5
70
2
1
19
-
-
BZX55T24A
22.9
24
70
2
1
19
-
-
BZX55T24B
23.6
24.7
70
2
1
19
-
-
BZX55T24C
24.3
25.5
70
2
1
19
-
-
BZX55T24X
22.61
23.77
70
2
1
19
-
-
BZX55T27
25.2
28.6
80
2
1
21
-
-
BZX55T27A
25.2
26.6
80
2
1
21
-
-
BZX55T27B
26.2
27.6
80
2
1
21
-
-
BZX55T27C
27.2
28.6
80
2
1
21
-
-
BZX55T27X
26.99
28.39
80
2
1
21
-
-
BZX55T30
28.2
31.6
100
2
1
23
-
-
BZX55T30A
28.2
29.6
100
2
1
23
-
-
BZX55T30B
29.2
30.6
100
2
1
23
-
-
BZX55T30C
30.2
31.6
100
2
1
23
-
-
BZX55T30X
29.02
30.51
100
2
1
23
-
-
BZX55T33
31.2
34.5
120
2
1
25
-
-
BZX55T33A
31.2
32.6
120
2
1
25
-
-
BZX55T33B
32.2
33.6
120
2
1
25
-
-
BZX55T33C
33.2
34.5
120
2
1
25
-
-
BZX55T36
34.2
38
140
2
1
27
-
-
BZX55T36A
34.2
35.7
140
2
1
27
-
-
BZX55T36B
35.3
36.8
140
2
1
27
-
-
BZX55T36C
36.4
38
140
2
1
27
-
-
BZX55T36X
35.36
37.19
140
2
1
27
-
-
1) Additional measurement
Please note: Additional measurement of voltage group 9V1 to 36 IR at 95% Vzmin = < 35 nA at Tj 25 OC
2) Tested with pulses tp = 20 ms.


Numéro de pièce similaire - BZX55T12D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
Microdiode Electronics ...
BZX55 CHENDA-BZX55 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
New Jersey Semi-Conduct...
BZX55 NJSEMI-BZX55 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX55T12D

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com