Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55T11D Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce BZX55T11D
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX55T11D Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BZX55T11D Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX55T11D Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX55T11D Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZX55T11D Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 21/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX55T Series
SILICON EPITAXIAL PLANAR ZENER DIODES
Features
• Very sharp reverse characteristic
• Low reverse current level
• Very high stability
• Low noise
• Available with tighter tolerances
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
Maximum Thermal Resistance (Ta = 25 OC)
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthJA
300
K/W
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
1.5
V
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Numéro de pièce similaire - BZX55T11D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
Microdiode Electronics ...
BZX55 CHENDA-BZX55 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
New Jersey Semi-Conduct...
BZX55 NJSEMI-BZX55 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX55T11D

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com