Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY299 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce BY299
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BY299 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BY299 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BY299 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 17/04/2008
B
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BY296 THRU BY299
FAST RECOVERY RECTIFIERS
Reverse Voltage – 100 to 800 V
Forward Current – 2 A
Features
• Low forward voltage drop
• Low cost
• Low leakage
• High current capability
Mechanical Data
• Case: DO-201AD, Molded plastic
• Terminals: Axial leads, solderable per MIL-STD -202,
method 208 guaranteed
• Polarity: Color band denotes cathode
Absolute Maximum Ratings and Characteristics
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols
BY296
BY297
BY298
BY299
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
V
Maximum RMS Voltage
VRMS
70
140
280
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
800
V
Maximum Average Forward Rectified Current
0.375"(9.5 mm) lead length at TA = 75 OC
IF(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half Sine
Wave Superimposed on Rated Load at TJ = 125 OC
IFSM
70
A
Maximum Forward Voltage at 2 A
VF
1.3
V
Maximum Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 100 OC
IR
10
100
µA
Maximum Reverse Recovery Time
1)
trr
500
ns
Typical Junction Capacitance
2)
CJ
32
pF
Typical Thermal Resistance
3)
RθJA
22
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 55 to + 150
O
C
1) Measured with I
F = 0.5 A, IR = 1 A, Irr = 0.25 A.
2) Measured at 1 MHz and applied reverse voltage of 4V D.C.
3) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length.
9.5
7.2
5.6
4.8
DO-201AD
Min. 25.4
Min. 25.4
Dimensions in mm
DIA.
1.45
1.15
DIA.


Numéro de pièce similaire - BY299

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BY299 PANJIT-BY299 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Microdiode Electronics ...
BY299 CHENDA-BY299 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
BY299 DAESAN-BY299 Datasheet
336Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
logo
Diotec Semiconductor
BY299 DIOTEC-BY299 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Jinan Gude Electronic D...
BY299 JGD-BY299 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
More results

Description similaire - BY299

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com