Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV123A Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74LV123A
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74LV123A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74LV123A Datasheet HTML 3Page - Texas Instruments 74LV123A Datasheet HTML 4Page - Texas Instruments 74LV123A Datasheet HTML 5Page - Texas Instruments 74LV123A Datasheet HTML 6Page - Texas Instruments 74LV123A Datasheet HTML 7Page - Texas Instruments 74LV123A Datasheet HTML 8Page - Texas Instruments 74LV123A Datasheet HTML 9Page - Texas Instruments 74LV123A Datasheet HTML 10Page - Texas Instruments 74LV123A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN54LV123A, SN74LV123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS393O − APRIL 1998 − REVISED OCTOBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TEST CONDITIONS
TA = 25°C
SN54LV123A
SN74LV123A
UNIT
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse
CLR
5
5
5
ns
tw
Pulse
duration
A or B trigger
5
5
5
ns
trr
Pulse retrigger time
Rext = 1 kΩ
Cext = 100 pF
59
ns
trr
Pulse retrigger time
Rext = 1 kΩ
Cext = 0.01 mF
1.5
ms
† See retriggering data in the application information section.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV123A
SN74LV123A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
A or B
Q or Q
14.5*
31.4*
1*
37*
1
37
tpd
CLR
Q or Q
CL = 15 pF
13*
25*
1*
29.5*
1
29.5
ns
tpd
CLR trigger
Q or Q
CL = 15 pF
15.1*
33.4*
1*
39*
1
39
ns
A or B
Q or Q
16.6
36
1
42
1
42
tpd
CLR
Q or Q
CL = 50 pF
14.7
32.8
1
34.5
1
34.5
ns
tpd
CLR trigger
Q or Q
CL = 50 pF
17.4
38
1
44
1
44
ns
CL = 50 pF,
Cext = 28 pF,
Rext = 2 kΩ
197
260
320
320
ns
tw‡
Q or Q
CL = 50 pF,
Cext = 0.01 µF,
Rext = 10 kΩ
90
100
110
90
110
90
110
ms
CL = 50 pF,
Cext = 0.1 µF,
Rext = 10 kΩ
0.9
1
1.1
0.9
1.1
0.9
1.1
ms
∆tw§
CL = 50 pF
±1
%
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
‡ tw = Duration of pulse at Q and Q outputs
§ ∆tw = Output pulse-duration variation (Q and Q) between circuits in same package
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74LV123A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74LV123 PHILIPS-74LV123 Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
More results

Description similaire - 74LV123A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com