Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS241DWR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN74LS241DWR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244 SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244 OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS SDLS144B – APRIL 1985 – REVISED FEBRUARY 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers D PNP Inputs Reduce DC Loading D Hysteresis at Inputs Improves Noise Margins description These octal buffers and line drivers are designed specifically to improve both the performance and density of three-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The designer has a choice of selected combinations of inverting and noninverting outputs, symmetrical, active-low output-control (G) inputs, and complementary output-control (G and G) inputs. These devices feature high fan-out, improved fan-in, and 400-mV noise margin. The SN74LS’ and SN74S’ devices can be used to drive terminated lines down to 133 Ω. Copyright 2002, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 1G 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND VCC 2G/2G† 1Y1 2A4 1Y2 2A3 1Y3 2A2 1Y4 2A1 SN54LS’, SN54S’ ...J OR W PACKAGE SN74LS240, SN74LS244 . . . DB, DW, N, OR NS PACKAGE SN74LS241 ...DW, N, OR NS PACKAGE SN74S’ . . . DW OR N PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 1Y1 2A4 1Y2 2A3 1Y3 1A2 2Y3 1A3 2Y2 1A4 SN54LS’, SN54S’ . . . FK PACKAGE (TOP VIEW) † 2G for ’LS241 and ’S241 or 2G for all other drivers. † 2G for ’LS241 and ’S241 or 2G for all other drivers. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN74LS241DWR |
|
Description similaire - SN74LS241DWR |