Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS138DR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74LS138DR Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 17 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) no Sb/Br) SN74LS138DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS138N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS138N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS138N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS138NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS138NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS138NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS138NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S138AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S138ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S138AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S138AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74S138ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S138ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S138ANSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54LS138FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS138FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS138J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS138J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS138W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS138W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54S138FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S138FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S138J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC PACKAGE OPTION ADDENDUM www.ti.com 5-Dec-2005 Addendum-Page 2 |
Numéro de pièce similaire - SN74LS138DR |
|
Description similaire - SN74LS138DR |