Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST13002T Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce ST13002T
Description  NPN Silicon Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST13002T Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST13002T Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST13002T Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 28/04/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 13002T / ST 13003T
NPN Silicon Power Transistors
These devices are designed for high-voltage,
high-speed power switching inductive circuits
where fall time is critical.
They are particularly suited for 115 and 220V
SWITCHMODE applications such as Switching
Regulator’s, Inverters, Motor Controls, Solenoid /
Relay drivers and Deflection circuits.
TO-126 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC)
Value
Parameter
Symbol
ST13002T
ST13003T
Unit
Collector Emitter Voltage
VCEO(sus)
300
400
V
Collector Emitter Voltage
VCEV
600
700
V
Emitter Base Voltage
VEBO
9
V
Collector Current - Continuous
Collector Current - Peak
1)
IC
ICM
1.5
3
A
Base Current - Continuous
Base Current - Peak
1)
IB
IBM
0.75
1.5
A
Emitter Current - Continuous
Emitter Current - Peak
1)
IE
IEM
2.25
4.5
A
Total Power Dissipation @ TA = 25 OC
Derate above 25 OC
PD
1.4
11.2
W
mW/OC
Total Power Dissipation @ TC = 25 OC
Derate above 25 OC
PD
40
320
W
mW/OC
Operating and Storage Junction Temperature Range
TJ, Ts
-65 to +150
O
C
Thermal Resistance ,Junction to Ambient
RθJA
89
O
C/W
Thermal Resistance ,Junction to Case
RθJC
3.12
O
C/W
1)
Pulse Test: Pulse Width=5ms, Duty Cycle
≤10%.
E
C
B


Numéro de pièce similaire - ST13002T

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
ST13002A SEMTECH_ELEC-ST13002A Datasheet
79Kb / 1P
   ST13002A
More results

Description similaire - ST13002T

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com